PART |
Description |
Maker |
STP12PF06 STF12PF06 |
P-CHANNEL 60V - 0.18 ohm - 12A TO-220/TO-220FP STripFET II POWER MOSFET P通道60V 0.18欧姆-2A TO-220/TO-220FP STripFET二功率MOSFET From old datasheet system
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MTP3055E |
N-CHANNEL 60V - 0.1 OHM - 12A TO-220 STRIPFET POWER MOSFET
|
ST Microelectronics
|
NTD3055-094-1 NTD3055-094T4 NTD3055-094-D |
Power MOSFET 12 Amps, 60 Volts N-Channel DPAK 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|52AA 晶体管| MOSFET的| N沟道| 60V的五(巴西)直| 12A条(丁)|51AA TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-252AA TRANSISTOR | MOSFET | N-CHANNEL | 60V V(BR)DSS | 12A I(D) | TO-251AA
|
ON Semiconductor
|
STP60NF06 STP60NF06FP |
N-CHANNEL 60V 0.014 OHM 60A TO-220 STRIPFET POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET?/a> POWER MOSFET N-CHANNEL 60V 0.014 OHM 60A TO-220 STRIPFET POWER MOSFET N-CHANNEL 60V - 0.014OHM - 60A TO-220/TO-220FP STRIPFET⒙ POWER MOSFET N-CHANNEL 60V - 0.014ohm - 60A TO-220/TO-220FP STripFET⑩ POWER MOSFET N-CHANNEL Power MOSFET
|
STMicroelectronics ST Microelectronics
|
STW14NM50FD STB12NM50FD STB12NM50FD-1 STB12NM50FD0 |
N-channel 500V - 0.32Ω - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh Power MOSFET (with fast diode) N-channel 500V - 0.32Ω - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh?/a> Power MOSFET (with fast diode) N-channel 500V - 0.32ヘ - 12A - TO-220/FP - D2/I2PAK - TO-247 FDmesh⑩ Power MOSFET (with fast diode)
|
STMicroelectronics
|
STP60NF0607 STP60NF06 |
60 A, 60 V, 0.016 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-channel 60V - 0.014ヘ - 60A TO-220 STripFET II⑩ Power MOSFET N-channel 60V - 0.014Ω - 60A TO-220 STripFET II?/a> Power MOSFET
|
STMicroelectronics
|
STP16NF0607 STP16NF06 STP16NF06FP |
N-channel 60V - 0.08Ω - 16A - TO-220/TO-220FP STripFET?/a> II Power MOSFET N-channel 60V - 0.08ヘ - 16A - TO-220/TO-220FP STripFET⑩ II Power MOSFET
|
http:// STMicroelectronics
|
STD12NF06L STD12NF06LT4 STD12NF06L-1 |
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET⑩ II POWER MOSFET N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET II POWER MOSFET N-CHANNEL POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
STGP12NB60HD |
N-CHANNEL 12A 600V TO-220 POWERMESH IGBT
|
SGS Thomson Microelectronics
|
STF20NF06L STP20NF06L STB20NF06LT4 STB20NF06L |
N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET?/a> II Power MOSFET N-channel 60V - 0.06Ω - 20A - D2PAK/TO-220/TO-220FP STripFET II Power MOSFET N-channel 60V - 0.06ヘ - 20A - D2PAK/TO-220/TO-220FP STripFET⑩ II Power MOSFET
|
STMicroelectronics
|
STP12NM50FP STB12NM50 STB12NM50-1 STB12NM50T4 STP1 |
N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|